Part Number Hot Search : 
Z90365 25L20 74F245PC 2SC36 VSH61016 222S2 TLP734 20022
Product Description
Full Text Search
 

To Download DTP6A60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings ( t j = 25c unless otherwise specified ) symbol parameter condition ratings units v drm repetitive peak off-state voltage 600 v i t(rms) r.m.s on-state current t c = 100 c 6.0 a i tsm surge on-state current one cycle, 50hz/60hz, peak, non-repetitive 60/66 a i 2 t i 2 t 18 a 2 s p gm peak gate power dissipation 3.0 w p g(av) average gate power dissipation 0.3 w i gm peak gate current 2.0 a v gm peak gate voltage 10 v t j operating junction temperature - 40 ~ 125 c t stg storage temperature - 40 ~ 150 c mass 2.0 g features repetitive peak off-state voltage : 600v r.m.s on-state current ( i t(rms) = 6 a ) high commutation dv/dt standard gate triggering 3 mode non-isolated type general description this device is suitable for ac switching application, phase control application such as fan speed and temperature mod- ulation control, lighting control and static switching relay. 1/5 DTP6A60 copyright @ d&i semiconducto r co., ltd., all rights reserved. 2.t2 3.gate 1.t1 symbol ? ? ? ? i t(rms) = 6 a i tsm = 60 a bv drm = 600v to-220 1 2 3 triacs / standard gate nov, 2005. rev.0
electrical characteristics symbol items conditions ratings unit min. typ. max. i drm repetitive peak off-state current v d = v drm , single phase, half wave t j = 125 c  1.0 ma v tm peak on-state voltage i t = 8 a, inst. measurement   1.5 v i + gt1  gate trigger current v d = 6 v, r l =10 ?  20 ma i - gt1 ?  20 i - gt3 ?  20 v + gt1  gate trigger voltage v d = 6 v, r l =10 ?  1.5 v v - gt1 ?  1.5 v - gt3 ?  1.5 v gd non-trigger gate voltage t j = 125 c, v d = 1/2 v drm 0.2  v (dv/dt)c critical rate of rise off-state voltage at commutation t j = 125 c, [di/dt]c = -3.0 a/ms, v d =2/3 v drm 5.0  v/ k i h holding current  10  ma r th(j-c) thermal impedance junction to case  2.8 c/w DTP6A60 2/5 ? notes : 1. pulse width ? 300us , duty cycle ? 2%
012345678 90 100 110 120 130 = 90 o = 150 o = 60 o = 30 o = 180 o = 120 o allowable case temperature [ o c] rms on-state current [a] 0.5 1.0 1.5 2.0 2.5 3.0 3.5 10 0 10 1 10 2 125 o c 25 o c on-state current [a] on-state voltage [v] 012345678 0 1 2 3 4 5 6 7 8 9 10 = 90 o = 150 o = 60 o = 30 o = 180 o = 120 o power dissipation [w] rms on-state current [a] -50 0 50 100 150 0.1 1 10 v + gt1 v _ gt1 v gt (t o c) v _ gt3 v gt (25 o c) junction temperature [ o c] 10 0 10 1 10 2 0 10 20 30 40 50 60 70 80 60hz 50hz surge on-state current [a] time (cycles) 10 1 10 2 10 3 10 -1 10 0 10 1 v gd (0.2v) i gm (2a) 25 ? p g (av) (0.3w) p gm (3w) v gm (10v) gate voltage [v] gate current [ma] 3/5 fig 1. gate characteristics fig 2. on-state voltage fig 3. on state current vs. maximum power dissipation fig 4. on state current vs. allowable case temperature fig 5. surge on-sta te current rating ( non-repetitive ) fig 6. gate trigger voltage vs. junction temperature ? ? 2 t 360 t ? : conduction angle ? ? 2 t 360 t ? : conduction angle DTP6A60
10 -2 10 -1 10 0 10 1 10 2 1 10 transient thermal impedance [ o c/w] time (sec) -50 0 50 100 150 0.1 1 10 i _ gt3 i + gt1 i _ gt1 i gt (t o c) i gt (25 o c) junction temperature [ o c] 4/5 fig 8. transient thermal impedance fig 7. gate trigger current vs. junction temperature fig 9. gate trigger characteristics test circuit ? a v 10 ? 6v r g ? ? ? a v 10 ? 6v r g ? ? ? a v 10 ? 6v r g ? ? test procedure  test procedure ? test procedure ? DTP6A60
dim. mm inch min. typ. max. min. typ. max. a 9.7 10.1 0.382 0.398 b 6.3 6.7 0.248 0.264 c 9.0 9.47 0.354 0.373 d 12.8 13.3 0.504 0.524 e 1.2 1.4 0.047 0.055 f 1.7 0.067 g 2.5 0.098 h 3.0 3.4 0.118 0.134 i 1.25 1.4 0.049 0.055 j 2.4 2.7 0.094 0.106 k 5.0 5.15 0.197 0.203 l 2.2 2.6 0.087 0.102 m 1.25 1.55 0.049 0.061 n 0.45 0.6 0.018 0.024 o 0.6 1.0 0.024 0.039  3.6 0.142 5/5 DTP6A60 to-220 package dimension 1. t1 2. t2 3. gate a b c i g l 1 m e f  h k n o 2 3 j d


▲Up To Search▲   

 
Price & Availability of DTP6A60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X